PART |
Description |
Maker |
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
2SB1094 2SB1094L 2SB1094M |
Silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIER TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | SOT-186 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC Corp.
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
BC807-40LT1 BC807-40LT3G BC807-16LT1 BC807-16LT3 B |
General Purpose Transistors(PNP Silicon) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB Silicon Transistor Plastic
|
ONSEMI[ON Semiconductor]
|
MPQ3799 MPQ3798 |
PNP SILICON QUAD TRANSISTOR PNP SILICON QUAD TRANSISTOR 50 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
2SA2042 |
From old datasheet system Silicon PNP Epitaxial Planar Transistor Silicon PNP Transistor
|
List of Unclassifed Manufacturers ETC[ETC] Sanken
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
BC807U |
General Purpose Transistors - PNP Silicon AF Transistor Array for AF input stages and drivers PNP Silicon Transistor Array
|
INFINEON[Infineon Technologies AG]
|
2N381011 JANS2N3810L |
PNP SILICON DUAL TRANSISTOR PNP Dual Transistors; Package: TO-78; 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Microsemi Corporation Microsemi, Corp.
|